Part Number Hot Search : 
BTX18 T520AE 47713 4ALVCH16 17000 06000 UPD75 BYV26D
Product Description
Full Text Search
 

To Download MC2836 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMALL-SIGNAL DIODE
MC2836
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(COMMON ANODE) OUTLINEDRAWING
Unit
DESCRIPTION
MC2836 is a super mini package plastic seal type silicon epitaxial type double diode,especially designed for high speed switching application. Due to the small pin capacitance,short switching time(reverse 0.95 0.4 recovery time),It is most suitable for high speed switching application and limitter,clipper application. 2.9 1.90 0.5 2.5 1.5 0.5
FEATURE
Small pin capacitance Quick switching time 1.1 0.8 0.16 High voltage Series connected two elements Good two element characteristics Double and super mini package for mounting
0.95
JEITASC-59
APPLICATION
For general high speed switching of audio machine,VCR.
JEDECTO-236
00.1
resemblance
TERMINAL CONNECTER CATHODE1 CATHODE2 ANODE(COMMON)
MAXIMUM RATINGSTa=25
Symbol VRM VR I I I
FSM FM
Parameter Peak reverse voltage DC reverse voltage Surge current Peak forward current Average rectification current
Total allowance dissipation(Ta=25)
Ratings 75 50 4 300 100 200 150 -55150
Unit V V A mA mA mW Marking Internal connection
O
D1
D2
PT T Tstg
Junction temperature Storage temperature
A

ISAHAYA ELECTRONICS CORPORATION
MC2836
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(COMMON ANODE)
ELECTRICAL CHARACTERISTICSTa=25
Parameter Symbol VF1 Forward voltage VF2 VF3 Reverse current Pin capacitance Reverse recovery time IR C trr I F=10mA I F=50mA I F=100mA VR=50V VR=0Vf=1MHz (Refer to test circuit) Test conditions Limits Min Min 0.77 0.90 0.95 2.8 Min 0.9 1.0 1.2 0.1 4.0 4.0 A pF ns V Uniit
0.02 F
PULSE G ENERATER
D.U.T
TRIG ER G SAM PLING OSCILLOSCOPE Zin=50
(Zout=50
IF=10mA,VR=6V 3k DC POW ER SUPPLY + RL=50
trr=0.1lr REVERSE RECOVERY
TIM FOR 0.1 Ir E
INPUT VO LTAGE WAVE FO RM
VF 0 VR
CURRENT WAVE FO RM IN DIO DE
IF
0
Ir
0.1lr
trr
ISAHAYA ELECTRONICS CORPORATION
MC2836
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(COMMON ANODE)
ISAHAYA ELECTRONICS CORPORATION
Marketing division, Marketing planning department
6-41 Tsukuba, Isahaya, Nagasaki, 854-0065 Japan
Keep safety first in your circuit designs! *ISAHAYA Electronics Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (1) placement of substitutive, auxiliary, (2) use of non-farmable material or (3) prevention against any malfunction or mishap. Notes regarding these materials *These materials are intended as a reference to our customers in the selection of the ISAHAYA products best suited to the customer's application; they don't convey any license under any intellectual property rights, or any other rights, belonging ISAHAYA or third party. *ISAHAYA Electronics Corporation assumes no responsibility for any damage, or infringement of any third party's rights , originating in the use of any product data, diagrams, charts or circuit application examples contained in these materials. *All information contained in these materials, including product data, diagrams and charts, represent information on products at the time of publication of these materials, and are subject to change by ISAHAYA Electronics Corporation without notice due to product improvements or other reasons. It is therefore recommended that customers contact ISAHAYA Electronics Corporation or an authorized ISAHAYA products distributor for the latest product information before purchasing product listed herein. *ISAHAYA Electronics Corporation products are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact ISAHAYA electronics corporation or an authorized ISAHAYA products distributor when considering the use of a product contained herein for any specific purposes , such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. *The prior written approval of ISAHAYA Electronics Corporation is necessary to reprint or reproduce in whole or in part these materials. *If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or re-export contrary to t e export control laws and regulations of Japan and/or the country of destination is h prohibited. *Please contact ISAHAYA Electronics Corporation or authorized ISAHAYA products distributor for further details on these materials or the products contained therein.
Jan.2003


▲Up To Search▲   

 
Price & Availability of MC2836

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X